Part Number Hot Search : 
216200 D150M CA2813B SKIIP KA7805E 69200 MHR66TF 2N5108
Product Description
Full Text Search
 

To Download MFR4P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Metal Film Resistors
Welwyn Components
MFR4P Series
* Smallest size for power rating * Resistance range: 1 ohm to 1M ohms * Temperature coefficient down to 50ppm/C
Electrical Data
MFR4P Power rating at 70C Resistance range Limiting element voltage TCR Resistance tolerance Standard values Thermal impedance Ambient temperature range *Below 1 ohm 5% preferred C/watt C watts ohms volts ppm/C % 0.6 0R22 to 1M 250 <1R: 300 >=1R: 50 0.5, 1, 2, 5* E24 preferred 130 -55 to 155
Physical Data
Dimensions (mm) & Weight (g) PCB Type MFR4P L Max 6.2 D Max 2.5 f min 21.0 d nom 0.6 mounting centres 10.2 Min. bend radius 0.6 Wt.nom 0.3 d D
L
f
Construction
The resistance element is a precisely controlled thin film of metal alloy sputtered on to a high purity ceramic core, protected by a moisture-resistant, high dielectric strength coating applied so that terminations remain completely clear. This permits a well defined body length, (clean lead to clean lead dimension L).
Marking
Resistors are colour coded with 6 bands. IEC 62 colours are used.
Solvent Resistance
The body protection and marking are resistant to all normal industrial cleaning solvents suitable for printed circuits.
Terminations
Material Strength Solder-coated copper wire. The terminations meet the requirements of IEC 68.2.21
Solderability The terminations meet the requirements of IEC 115-1, Clause 4.17.3.2
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability. All information is subject to Welwyn's own data and is considered accurate at time of going to print. A subsidiary of TT electronics plc Issue D * 03.06
(c) Welwyn Components Limited * Bedlington, Northumberland NE22 7AA, UK Telephone: +44 (0) 1670 822181 * Facsimile: +44 (0) 1670 829465 * Email: info@welwyn-tt.com * Website: www.welwyn-tt.com 138
Metal Film Resistors
MFR4P Series
Welwyn Components
Performance Data
Maximum Load at rated power : 1000 hours at 70C Shelf life : 12 months at room temperature Derating Short term overload Climatic Climatic category Long term damp heat Temperature rapid change Resistance to solder heat Vibration and bump Noise. (in a decade of frequency) Insulation resistance Voltage proof R % R % R % R % V/V ohms volts R % R % R % R % 0.5 0.1 Zero at 155C 0.5 0.5 55/125/56 1 0.5 0.5 0.5 0.1 >1G 500 min
Packaging
MFR4P resistors are supplied tape packed ready for loading onto automatic sequencing and insertion machines. The standard taping method and critical dimensions are shown in Figure 1. Component wires will not protrude beyond the outside edge of the tapes. Alternative packaging available by request.
Standard Quantities Per Package
Type Large ammo pack MFR4P 5000
5
f1 6 52
f2 6
Figure 1
Body location f1 - f2 1.4 mm Lead Formed resistors can also be supplied. Standard options of Lancet, Radial and Goalpost forming are available by request.
(c) Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK Telephone: +44 (0) 1670 822181 * Facsimile: +44 (0) 1670 829465 * Email: info@welwyn-tt.com * Website: www.welwyn-tt.com
Issue D * 03.06
139


▲Up To Search▲   

 
Price & Availability of MFR4P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X